Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-SS8S/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3Y-SS8S/CE
Description  Remote I/O R3 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SS8S/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3Y-SS8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SS8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SS8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SS8S/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3Y-SS8
R3Y-SS8 SPECIFICATIONS
ES-8958 Rev.11 Page 3/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
27.5 [1.08]
110 [4.33]
POSITIONING
GUIDE
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
Input Circuit
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
RUN LED ERR LED DIP SW
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
Communication
Circuit
Control
Circuit
*For dual redundant communication.
18B
17B
14B
13B
10B
9B
6B
5B
14A
13A
18A
17A
10A
9A
6A
5A
INPUT 1
INPUT 2
INPUT 3
INPUT 4
INPUT 5
INPUT 6
INPUT 7
INPUT 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com