Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-SS8S/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-SS8S/CE
Description  Remote I/O R3 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SS8S/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-SS8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SS8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SS8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SS8S/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3Y-SS8
R3Y-SS8 SPECIFICATIONS
ES-8958 Rev.11 Page 4/4
https://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1A
NC
1B
NC
2A
NC
2B
NC
3A
NC
3B
NC
4A
NC
4B
NC
5A
– IN8
5B
– IN4
6A
+ IN8
6B
+ IN4
7A
NC
7B
NC
8A
NC
8B
NC
9A
– IN7
9B
– IN3
10A
+ IN7
10B
+ IN3
11A
NC
11B
NC
12A
NC
12B
NC
13A
– IN6
13B
– IN2
14A
+ IN6
14B
+ IN2
15A
NC
15B
NC
16A
NC
16B
NC
17A
– IN5
17B
– IN1
18A
+ IN5
18B
+ IN1
19A
NC
19B
NC
20A
NC
20B
NC
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com