Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-DS8NS/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3Y-DS8NS/CE
Description  Remote I/O R3 Series 4 ??20 mA INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DS8NS/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3Y-DS8NS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DS8NS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DS8NS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DS8NS/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R3Y-DS8N
R3Y-DS8N SPECIFICATIONS
ES-8968 Rev.8 Page 3/4
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
+
–
INPUT 1 2W-XMTR (EXC)
+
–
+
–
250Ω
24V DC
Current
Limiter
250Ω
24V DC
Current
Limiter
250Ω
24V DC
Current
Limiter
250Ω
24V DC
Current
Limiter
+
–
+
–
+
–
–
SENSOR
EXCITATION
24V DC
+
250Ω
24V DC
Current
Limiter
250Ω
24V DC
Current
Limiter
250Ω
24V DC
Current
Limiter
250Ω
24V DC
Current
Limiter
24V DC
Caution
Input value is less than -15% for the open input terminals, then the host PC/PLC recognizes
and configures this as error. The unused channels can be specified and configured with the
PC Configurator Software (model: R3CON).
20A/20B
18A/18B
16A/16B
14A/14B
12A/12B
10A/10B
8A/8B
6A/6B
19A/19B
17A/17B
15A/15B
13A/13B
11A/11B
9A/9B
7A/7B
5A/5B
4A/4B
3A/3B
2A/2B
1A/1B
Control
Circuit
Input Circuit
RUN LED ERR LED DIP SW
*For dual redundant communication.
Communication
Circuit
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
INPUT 2 2W-XMTR (EXC)
INPUT 3 2W-XMTR (EXC)
INPUT 4 2W-XMTR (EXC)
INPUT 5 2W-XMTR (EXC)
INPUT 6 2W-XMTR (EXC)
INPUT 7 2W-XMTR (EXC)
INPUT 8 2W-XMTR (EXC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com