Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-DS8NS/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-DS8NS/CE
Description  Remote I/O R3 Series 4 ??20 mA INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DS8NS/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-DS8NS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DS8NS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DS8NS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DS8NS/CE Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3Y-DS8N
R3Y-DS8N SPECIFICATIONS
ES-8968 Rev.8 Page 4/4
https://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1A
GND
1B
GND
2A
GND
2B
GND
3A
+24V
3B
+24V
4A
+24V
4B
+24V
5A
-IN8
5B
-IN8
6A
-IN4
6B
-IN4
7A
+IN8
7B
+IN8
8A
+IN4
8B
+IN4
9A
-IN7
9B
-IN7
10A
-IN3
10B
-IN3
11A
+IN7
11B
+IN7
12A
+IN3
12B
+IN3
13A
-IN6
13B
-IN6
14A
-IN2
14B
-IN2
15A
+IN6
15B
+IN6
16A
+IN2
16B
+IN2
17A
-IN5
17B
-IN5
18A
-IN1
18B
-IN1
19A
+IN5
19B
+IN5
20A
+IN1
20B
+IN1
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com