Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TC2 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R3-TC2
Description  Remote I/O R3 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TC2 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R3-TC2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 3Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 4Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 5Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 6Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: R3-TC2
R3-TC2 SPECIFICATIONS
ES-8468 Rev.3 Page 7/7
http://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
Relay
Oven
Heater Power
R3–BS
R3–NM3
R3–TC2
■ 1 loop heating ON/OFF control and heater wire break detection
1. Installation example:
• Base (model: R3–BS)
• Interface Module (model: R3–NM3)
• Temperature Control Module (model: R3–TC2)
• Clamp-on Current Sensor (model: CLSE)
• Oven
• Heater
• Relay
• Temperature sensor
2. Proccess until start operating:
CLSE
Relay Power
CONTROL OUTPUT 3 (Do1)
UNIVERSAL INPUT 2 (Pv2)
CT INPUT 1
Ry
Heater
Turn ON power supply
Set input sensor type and range
Set CT input to wire break detection
Select control mode (ON/OFF Control)
Specify target temperature (SP)
Select operation mode (auto)
Start operation
Temp. Sensor
R3–BS
R3–PS1
R3–NM3
R3–TC2
R3–SV4
■ 1 loop heating and cooling control (PID)
1. Installation example:
• Base (model: R3–BS)
• Power Supply Module (R3–PS1)
• Interface Module (model: R3–NM3)
• Temperature Control Module (model: R3–TC2)
• DC Voltage Input Module (model: R3–SV4)
(Other R3 modules also available)
• Object to heat/cool
• Temperature sensor
2. Proccess until start operating:
Control output 2 (Mv2)
Control output 1 (Mv1)
UNIVERSAL INPUT 1 (Pv1)
Object to
heat/cool
Cold water
Hot water
Select control mode (PID)
Set deadband
Specify target temperature (SP)
Select operation mode (auto)
Start operation
Temp. Sensor
Turn ON power supply
Set input sensor type and range
Note: The examples above are for single loop, however, dual loop control is also availabe using only one R3-TC2.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com