Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TC2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-TC2
Description  Remote I/O R3 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TC2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-TC2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 3Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 4Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 5Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 6Page - M-System Co.,Ltd. R3-TC2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R3-TC2
R3-TC2 SPECIFICATIONS
ES-8468 Rev.3 Page 1/7
http://www.m-system.co.jp/
Remote I/O R3 Series
TEMPERATURE CONTROL MODULE
Functions & Features
• Two PID controllers
• Universal input x 2 points, control output x 4 points,
discrete input x 2 points, clamp-on current sensor input x 2
points
• 2 universal inputs configurable to T/C, RTD, DC current or
voltage independently
• Discrete inputs usable to switch PID bank or operation
mode
• Control outputs configurable to MV, PV or alarm
• Clamp-on current sensor input enables to detect heater
wire break or over current
• Auto tuning function
• Minimum construction with an installation base (model: R3
-BS02), interface module and temperature controller
module
• Configurable with PC configurator (model: R3CON)
• Mixed installation with other I/O modules
27.5 (1.08)
130
(5.12)
mm (inch)
109
(4.29)
MODEL: R3-TC2[1]S[2]
ORDERING INFORMATION
• Code number: R3-TC2[1]S[2]
Specify a code from below for each [1] and [2].
(e.g. R3-TC2AS/Q)
• Specify the specification for option code /Q
(e.g. /C01)
CONTROL LOOP
2: 2 loops
[1] CONTROL OUTPUT
A: 0 – 20 mA DC (Load resistance 500 Ω max.)
Open-collector 2 points
V: 0 – 10 V DC (Load resistance 2 kΩ max.)
Open-collector 2 points
P: 12 V pulse (Load resistance 600 Ω max.)
Open-collector 2 points
COMMUNICATION MODE
S: Single
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Modbus Interface Module (model: R3-NM3)
(Not compatible with other Network modules)
• PC configurator software (model: R3CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
(Used for detecting the heater wire break)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input, control output: M3 separable screw terminal (torque
0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Pv1 to Pv2 to CT1 or CT2 to Di1 or Di2 to MV1 or
MV2 to Do1 or Do2 to internal bus or internal power
CT Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
RUN indicator: Bi-color (red/green) LED;
Red when the internal bus operates normally.
ERR indicator: Bi-color (red/green) LED; Red at device error;
Green in normal operating conditions.
Loop status indicator (RUN1): Red LED; turns on when loop
1 operating
Loop status indicator (AUTO1): Red LED; turns on during
auto mode, turns off during manual mode at loop 1
Loop status indicator (ERR1): Red LED; turns on during error
at loop 1
Loop status indicator (ALM1): Red LED; turns on when alarm


Similar Part No. - R3-TC2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-TS4 MSYSTEM-R3-TS4 Datasheet
133Kb / 4P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R3-TS4S MSYSTEM-R3-TS4S Datasheet
133Kb / 4P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R3-TS4S/CE MSYSTEM-R3-TS4S/CE Datasheet
133Kb / 4P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R3-TS4S/Q MSYSTEM-R3-TS4S/Q Datasheet
133Kb / 4P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R3-TS4W MSYSTEM-R3-TS4W Datasheet
133Kb / 4P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results

Similar Description - R3-TC2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-SRR8 MSYSTEM-R3-SRR8 Datasheet
162Kb / 5P
Remote I/O R3 Series
R3-RR8 MSYSTEM-R3-RR8 Datasheet
159Kb / 7P
Remote I/O R3 Series REMOTE CONTROL RELAY CONTROL MODULE
R3-PS1 MSYSTEM-R3-PS1 Datasheet
100Kb / 3P
Remote I/O R3 Series POWER SUPPLY MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com