Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TC2A/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-TC2A/Q
Description  Remote I/O R3 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TC2A/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-TC2A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R3-TC2
R3-TC2 SPECIFICATIONS
ES-8468 Rev.3 Page 3/7
http://www.m-system.co.jp/
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Accuracy
• Pv1 or Pv2: Refer to "Input type, range & conversion
accuracy" section.
• CT1 or CT2: ±2 % (sensor error margin not included)
• MV1 or MV2: ±0.5 % (added to the input accuracy)
Data allocation: 8
Current consumption: ≤ 120 mA
Cold junction compensation error:
±2.0°C at 0 – 50°C (±3.6°F at 32 – 122°F)
Temp. coefficient
• Pv1 or Pv2: ±0.03 %/°C (± 0.02 %/°F)
• CT1 or CT2: ±0.03 %/°C (± 0.02 %/°F)
Response time
• CT1 or CT2: ≤ 2 sec. (0 – 90 %)
• Mv1 or Mv2: ≤ 1 sec. (0 – 90 %, DC output)
Burnout response: ≤ 10 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute (Pv1 to Pv2 to
CT1 or CT2 to Di1 or Di2 to MV1 or MV2 to Do1 or Do2 to
internal bus or internal power)
1500 V AC @1 minute (internal power to FG)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com