Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TC2A/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-TC2A/Q
Description  Remote I/O R3 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TC2A/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-TC2A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-TC2A/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R3-TC2
R3-TC2 SPECIFICATIONS
ES-8468 Rev.3 Page 4/7
http://www.m-system.co.jp/
INPUT TYPE, RANGE & CONVERSION ACCURACY
INPUT TYPE
INPUT RANGE
ACCURACY*1
DC Current
0 – 20mA DC
±20μA
DC Voltage
-1000 – +1000mV DC
When the 100% is ≤ 50mV
±10μV
When the 100% is ≤ 200mV
±40μV
When the 100% is ≤ 500mV
±60μV
When the 100% is > 500mV
±80μV
-10 – +10V DC
±0.1%
Potentiometer
0 – 4000Ω
±0.1Ω
Resistor
0 – 4000Ω
±0.1Ω
°C
°F
THERMOCOUPLE
INPUT RANGE
ACCURACY*1 CONFORMANCE RANGE INPUT RANGE
ACCURACY*1
CONFORMANCE RANGE
(PR)
0 – 1760
±1.00
0 – 1760
32 – 3200
±1.80
32 – 3200
K (CA)
-270 – +1370
±0.25
-150 – +1370
-454 – +2498
±0.45
-238 – +2498
E (CRC)
-270 – +1000
±0.20
-170 – +1000
-454 – +1832
±0.36
-274 – +1832
J (IC)
-210 – +1200
±0.25
-180 – +1200
-346 – +2192
±0.45
-292 – +2192
T (CC)
-270 – +400
±0.25
-170 – +400
-454 – +752
±0.45
-274 – +752
B (RH)
100 – 1820
±0.75
400 – 1760
212 – 3308
±1.35
752 – 3200
R
-50 – +1760
±0.50
200 – 1760
-58 – +3200
±0.90
392 – 3200
S
-50 – +1760
±0.50
0 – 1760
-58 – +3200
±0.90
32 – 3200
C (WRe 5-26)
0 – 2315
±0.25
0 – 2315
32 – 4199
±0.45
32 – 4199
N
-270 – +1300
±0.30
-130 – +1300
-454 – +2372
±0.54
-202 – +2372
U
-200 – +600
±0.20
-200 – +600
-328 – +1112
±0.36
-328 – +1112
L
-200 – +900
±0.25
-200 – +900
-328 – +1652
±0.45
-328 – +1652
P (Platinel ll)
0 – 1395
±0.25
0 – 1395
32 – 2543
±0.45
32 – 2543
RTD
°C
°F
INPUT RANGE
ACCURACY*1
INPUT RANGE
ACCURACY*1
Pt 100 (JIS ’97, IEC)
-200 – +850
±0.20
-328 – +1562
±0.36
Pt 500
-200 – +850
±0.40
-328 – +1562
±0.72
Pt 1000
-200 – +850
±0.40
-328 – +1562
±0.72
Pt 50Ω (JIS ’81)
-200 – +649
±0.40
-328 – +1200
±0.72
JPt 100 (JIS ’89)
-200 – +510
±0.20
-328 – +950
±0.36
Ni 508.4Ω
-50 – +200
±0.40
-58 – +392
±0.72
Cu 10 @25°C
-50 – +250
±0.50
-58 – +482
±0.90
*1. DC input: Value indicated above or ±0.1% of span, whichever is greater
Thermocouple: CJC error margin (2.0 °C, 3.6 °F) added value indicated above or ±0.1% of span, whichever is greater
RTD, Resistor: Value indicated above or ±0.1% of span, whichever is greater
Table 1
EXTERNAL VIEW
1
14
16
18
19
20
5
7
9
10
CJC SENSOR(2)
13
15
17
4
6
8
11
Loop Status Indicator
RUN1
AUTO1
ERR1
ALM1
RUN2
AUTO2
ERR2
ALM2
3
2
13
12
ERR LED
RUN LED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com