Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TC2P/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-TC2P/Q
Description  Remote I/O R3 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TC2P/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-TC2P/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R3-TC2
R3-TC2 SPECIFICATIONS
ES-8468 Rev.3 Page 6/7
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
A/D
Converter
8
9
18
19
20
10
1
2
1
2
3
4
5
6
7
11
12
13
14
15
16
17
Indicator LEDs
...
Input
Circuit
Output
Circuit
Output
Circuit
+
+
–
Mv2
+
+
–
Pv1
UNIVERSAL INPUT
+
+
–
Mv1
Do1
Mv2
Do2
CT 1
Di 1
Di 2
•DC Voltage (-10 – +10V DC)
•DC Current (0 – 20mA DC)
+
–
CJC
SENSOR
INPUT
+
–
2
4
•DC Voltage (-1000 – +1000mV DC)
INPUT
+
–
2
3
4
•Thermocouple
2
3
4
•RTD/Resistor (3-wire)
2
3
4
•Potentiometer
comp. leadwire
A
B
B
2
3
•RTD/Resistor (2-wire)
A
B
max.
min.
+
–
•DC Voltage (-10 – +10V DC)
•DC Current (0 – 20mA DC)
•Clamp-on current Sensor
■ DISCRETE INPUT CONNECTION e.g.
Di 1
Di2
+
–
CJC
SENSOR
–
INPUT
+
–
•DC Voltage (-1000 – +1000mV DC)
INPUT
+
–
•Thermocouple
•RTD/Resistor (3-wire)
•Potentiometer
comp. leadwire
A
B
B
•RTD/Resistor (2-wire)
A
B
max.
min.
+
–
11
12
12
14
12
13
14
15
16
17
12
13
12
13
14
12
13
14
Load Side
Power Side
k
l
k
l
5
6
7
■ CONTROL OUTPUT 1 & 2 CONNECTION e.g.
■ CONTROL OUTPUT 3 & 4 CONNECTION e.g.
8
9
18
19
20
10
+
–
+
–
Communication
Circuit
INTERNAL POWER
Control
Circuit
Isolation
Isolation
INTERNAL BUS
Isolation
Isolation
Isolation
Isolation
■ UNIVERSAL INPUT CONNECTION (Pv1) e.g.
A/D
Converter
A/D
Converter
CT 2
Pv2
UNIVERSAL INPUT
Mv1
Do2
Do1
■ UNIVERSAL INPUT CONNECTION (Pv2) e.g.
■ CT 1 / CT 2 CONNECTION e.g.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com