Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-TC2P/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-TC2P/Q
Description  Remote I/O R3 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-TC2P/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-TC2P/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-TC2P/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-TC2
R3-TC2 SPECIFICATIONS
ES-8468 Rev.3 Page 2/7
http://www.m-system.co.jp/
trip on loop 1
Loop status indicator (RUN2): Red LED; turns on when loop
2 operating
Loop status indicator (AUTO2): Red LED; turns on during
auto mode, turns off during manual mode at loop 2
Loop status indicator (ERR2): Red LED; turns on during error
at loop 2
Loop status indicator (ALM2): Red LED; turns on when alarm
trip on loop 2
Control mode: Standard PID, heating and cooling control
(ON/OFF, PID)
Proportional band (P): 0.1 to 999.9 (temperature unit)
Integral time (I): 0.0 to 9999.9 sec.
Derivative time (D): 0.0 to 9999.9 sec.
Auto-tuning: Limit cycle method
Alarm: Deviation high & low, absolute high & low, etc.
Sampling cycle: 100 msec.
Control cycle: 0.1 to 99.9 sec.
MV output range: -5 - +105 %
Parameters: Stored in E2PROM; write/erase cycle endurance:
less than 100 000
Parameter setting: With PC configurator software (model:
R3CON)
User-configurable items: With PC configurator software
(model: R3CON)
· Input type
· Input range
· Output range
· Cold junction compensation; CJC sensor attached to input
terminal. CJC can be enabled or disabled per each universal
input.
INPUT SPECIFICATIONS
■ Universal input 1, 2 (Pv1, Pv2)
For type and range configuration, refer to the instruction
manual.
DC Current:
Input range: 0 - 20 mA DC
Input resistance: 49.9 Ω resistor incorporated
• DC voltage input
Input resistance: ≥ 10 kΩ (-1000 to +1000 mV DC)
Input resistance: ≥ 1 MΩ (-10 to + 10 V DC)
• Thermocouple
Input resistance: ≥ 10 kΩ
Input range: Refer to the table 1
Burnout sensing: ≤ 4 μA
Conformance range: Refer to the table 1
• RTD (2-wire or 3-wire)
Excitation: ≤ 0.33 mA
Allowable leadwire resistance: 20 Ω per wire
• Resistance
Excitation: ≤ 0.33 mA
Allowable leadwire resistance: 20 Ω per wire
• Potentiometer
Excitation: ≤ 0.33 mA
Allowable leadwire resistance: 20 Ω per wire
■ Clamp-on current sensor (CT1, CT2)
(Sensor model No.: AC input)
CLSE-R5: 0 – 5 A
CLSE-05: 0 – 50 A
CLSE-10: 0 – 100 A
CLSE-20: 0 – 200 A
CLSE-40: 0 – 400 A
CLSE-60: 0 – 600 A
Frequency: 50 / 60 Hz (45 - 65 Hz)
Operational range: 0 – 120 % of rating
Overload capacity:
CLSE-R5: 10 A continuous
CLSE-05: 60 A continuous
CLSE-10: 120 A continuous
CLSE-20: 240 A continuous
CLSE-40: 480 A continuous
CLSE-60: 720 A continuous
Be sure that the input voltage is of 480 V or less.
■ Discrete Input (Di1, Di2)
Contact rating: 3.3 V @1 mA
Detection levels:
≤ 15 kΩ / 0.5 V at close
≥ 350 kΩ / 2.5 V at open
OUTPUT SPECIFICATIONS
Four control outputs are configurable to Mv, Ao or Do.
■ Control Output (Mv1, Mv2)
Specify the type of output with the code number.
• DC Current: 0 – 20 mA DC
Operational range: 0 – 23 mA DC
Load resistance: ≤ 500 Ω
• DC Voltage: 0 – 10 V DC
Operational range: 0 - 11.5 V DC
Load resistance: ≥ 2 kΩ
■ Voltage Pulse
Maximum frequency: 1 Hz
Minimum pulse width: 1 msec.
Hi level: 12 V ±15 %
Lo level: ≤ 0.5 V
Load resistance: 600 Ω min.
■ Control Output (Do1, Do2)
• Open collector
Maximum frequency: 1 Hz
Minimum pulse width: 1 msec.
Output rating: 50 V DC 100 mA (resistive load)
Saturation voltage: 0.5 V DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com