Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-WT11AS Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-WT11AS
Description  Remote I/O R3 Series MULTI POWER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT11AS Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-WT11AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R3-WT1
R3-WT1 SPECIFICATIONS
ES-8388 Rev.6 Page 5/5
http://www.m-system.co.jp/
Input Circuit
Control
Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
RUN LED ERR LED DIP SW
VOLTAGE
INPUT
1
3
4
2
LOAD
1
N
2
SOURCE
P0
V
P1
U
v
u
FUSE
VT
V
v
P2
U
u
CURRENT
INPUT
5
7
8
6
LOAD
1
N
2
SOURCE
k
l
CT
L
K
1L
1S
2L
2S
k
l
L
K
Input Circuit
■ SINGLE-PHASE/3-WIRE
9
10
INTERNAL BUS A
INTERNAL BUS B*
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com