Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-WT11AS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-WT11AS
Description  Remote I/O R3 Series MULTI POWER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT11AS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-WT11AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT11AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-WT1
R3-WT1 SPECIFICATIONS
ES-8388 Rev.6 Page 1/5
http://www.m-system.co.jp/
Remote I/O R3 Series
MULTI POWER INPUT MODULE
52.5 (2.07)
130
(5.12)
109
(4.29)
mm (inch)
MODEL: R3-WT1[1][2]1[3][4]
ORDERING INFORMATION
• Code number: R3-WT1[1][2]1[3][4]
Specify a code from below for each of [1] through [4].
(e.g. R3-WT1111W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF SYSTEMS
1: 1
[1] CONFIGURATION
1: 3-phase / 3-wire
2: Single-phase / 2-wire
3: Single-phase / 3-wire
[2] INPUT (unbalanced load)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
A: 100 V / 200 V / 1 A AC (single-phase / 3- wire)
B: 100 V / 200 V / 5 A AC (single-phase / 3- wire)
MEASURING VARIABLE
1: Active power / reactive power / power factor /
frequency / active energy / reactive energy
[3] COMMUNICATION MODE
S: Single
W: Dual
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R3CON)
The R3CON is used to set up the software setting of this
module. Downloadable at M-System's web site.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3.5 screw terminals (torque 0.8 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Voltage input to current input to internal bus or
internal power
DIP switch settings:
• Computation methods
• Count Reset (Disable/Enable)
• Others
Refer to the instruction manual for details.
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input abnormality;
Green in normal operating conditions.
Power ON timer: Starts conversion in 10 seconds after the
power is turned on.
Low-end cutout: Converted data forced to 0 % for 2 % or
less input. (Selectable by using R3CON)
P
√ P2+ Q2
Computation
Active power, reactive power: Time division
multiplication
Power factor: Calculated with active power (P)
and reactive power (Q)
Frequency: One-shot


Similar Part No. - R3-WT11AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-WT1A MSYSTEM-R3-WT1A Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1A11S MSYSTEM-R3-WT1A11S Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1A11S/Q MSYSTEM-R3-WT1A11S/Q Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1A11W MSYSTEM-R3-WT1A11W Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1A11W/Q MSYSTEM-R3-WT1A11W/Q Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
More results

Similar Description - R3-WT11AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-WTU MSYSTEM-R3-WTU Datasheet
157Kb / 4P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT4B MSYSTEM-R3-WT4B Datasheet
192Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4A MSYSTEM-R3-WT4A Datasheet
193Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT4 MSYSTEM-R3-WT4 Datasheet
196Kb / 7P
Remote I/O R3 Series AC POWER INPUT MODULE
R3-WT1B MSYSTEM-R3-WT1B Datasheet
184Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-WT1A MSYSTEM-R3-WT1A Datasheet
193Kb / 5P
Remote I/O R3 Series MULTI POWER INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com