Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT20-R102-P1-IO-F Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBT20-R102-P1-IO-F
Description  Triangulation sensor (BGS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT20-R102-P1-IO-F Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBT20-R102-P1-IO-F Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) , fixed cable
-25 ... 60 °C (-13 ... 140 °F) , movable cable not appropriate for conveyor chains
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
13.9 mm
Housing height
31.9 mm
Housing depth
18.3 mm
Degree of protection
IP67 / IP69 / IP69K
Connection
2 m fixed cable
Material
Housing
PC (Polycarbonate)
Optical face
Float glass
Mass
approx. 36 g
Cable length
2 m
Connection
BN
L+
n.c.
BK
BU
WH
L-
C/Q
Assembly
1
Operating indicator / dark on
2
Signal indicator
3
Operating indicator / light on
1
2
3
Characteristic Curve
X
Distance X [mm]
Offset Y [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
5
7
9
11
13
15
17
19
21
23
25
-2
-1
0
1
2
Triangulation sensor (BGS)
OBT20-R102-P1-IO-F
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com