Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT20-R102-P1-IO-F Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBT20-R102-P1-IO-F
Description  Triangulation sensor (BGS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT20-R102-P1-IO-F Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBT20-R102-P1-IO-F Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
General specifications
Detection range
7 ... 20 mm
Detection range max.
5 ... 25 mm
Background suppression
starts from 25 mm
Reference target
standard white, 100 mm x 100 mm
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Black-white difference (6 %/90 %)
approx. 1 mm
Diameter of the light spot
approx. 1.5 mm at 20 mm
Angle of divergence
approx. 3 °
Ambient light limit
EN 60947-5-2 : 40000 Lux
Functional safety related parameters
MTTFd
600 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green:
constantly on - power on
flashing (4Hz) - short circuit
flashing with short break (1 Hz) - IO-Link mode
Function indicator
LED yellow:
constantly on - object detected
constantly off - object not detected
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
max. 10 %
No-load supply current
I0
< 25 mA at 24 V supply voltage
Protection class
III
Interface
Interface type
IO-Link ( via C/Q = BK )
IO-Link Revision
1.1
Device profile
Smart Sensor
Device ID
0x11051D (1115421)
Transfer rate
COM 2 (38.4 kBaud)
Min. cycle time
2.3 ms
Process data width
Process data input 1 Bit
Process data output 2 Bit
SIO mode support
yes
Compatible master port type
A
Output
Switching type
C/Q - BK: NPN normally closed / dark-on, PNP normally open / light-on, IO-Link
n.c. - WH: open
Signal output
1 push-pull (4 in 1) output, short-circuit protected, reverse polarity protected,
overvoltage protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA , resistive load
Usage category
DC-12 and DC-13
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
SIO mode: 1800 Hz
IO-Link mode: 900 Hz
Response time
SIO mode: 260 µs
IO-Link mode: 520 µs
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Triangulation sensor (BGS)
OBT20-R102-P1-IO-F
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com