Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-DA16S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-DA16S/Q
Description  Remote I/O R5 Series DISCRETE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-DA16S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-DA16S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R5-DA16
R5-DA16 SPECIFICATIONS
ES-6125 Rev.8 Page 3/5
http://www.m-system.co.jp/
CONNECTOR PIN ASSIGNMENT
Pin assigments
2
4
6
1
3
5
16
18
20
15
17
19
A1
A2
A3
B1
B2
B3
A8
A9
A10
B8
B9
B10
Terminals Block Side
Module Side
▪ R5-DA16x
1
R5-DA16x
XW2D–20G6
G79–O25C
G79–O50C
1
A1
INPUT 1
INPUT 2
INPUT16
1
B
2
2
8
B
6
1
6
1
9
B
8
1
8
1
0
1
A
9
1
9
1
0
1
B
0
2
0
2
9
A
7
1
7
1
▪ R5-DA16x/A
1
R5-DA16x/A
XW2D–20G6
G79–O25C
G79–O50C
1
A1
INPUT 1
INPUT 2
INPUT16
1
B
2
2
8
B
6
1
6
1
9
B
8
1
8
1
0
1
A
9
1
9
1
0
1
B
0
2
0
2
9
A
7
1
7
1
24V DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com