Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-DA16S/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R5-DA16S/Q
Description  Remote I/O R5 Series DISCRETE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-DA16S/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R5-DA16S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-DA16S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R5-DA16
R5-DA16 SPECIFICATIONS
ES-6125 Rev.8 Page 5/5
http://www.m-system.co.jp/
INPUT CONNECTOR
R5-DA16x (internal excitation)
R5-DA16x/A (external excitation)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
ch.
1
11
ch. 11
2
ch.
2
12
ch. 12
3
ch.
3
13
ch. 13
4
ch.
4
14
ch. 14
5
ch.
5
15
ch. 15
6
ch.
6
16
ch. 16
7
ch.
7
17
COM
8
ch.
8
18
COM
9
ch.
9
19
COM
10
ch. 10
20
COM
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
ch.
1
11
ch. 11
2
ch.
2
12
ch. 12
3
ch.
3
13
ch. 13
4
ch.
4
14
ch. 14
5
ch.
5
15
ch. 15
6
ch.
6
16
ch. 16
7
ch.
7
17
24V DC
8
ch.
8
18
24V DC
9
ch.
9
19
0V
10
ch. 10
20
0V
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com