Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-YV4S/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3Y-YV4S/CE
Description  Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-YV4S/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3Y-YV4S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-YV4S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-YV4S/CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R3-YV4
R3-YV4 SPECIFICATIONS
ES-8372 Rev.13 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
20–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Communication
Circuit
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B
1
2
11 +
+
–
–
12
Output Circuit
Control
Circuit
DIP SW
RUN LED ERR LED
OUTPUT 1
NARROW SPAN
WIDE SPAN
3
4
13 +
+
–
–
14
Output Circuit
OUTPUT 2
NARROW SPAN
WIDE SPAN
6
7
16 +
+
–
–
17
Output Circuit
OUTPUT 3
NARROW SPAN
WIDE SPAN
8
9
18 +
+
–
–
19
Output Circuit
OUTPUT 4
NARROW SPAN
WIDE SPAN
Note: Connect either wide or narrow span terminals for each channel.
15
5
20
10
*
* For dual redundant communication.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com