Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-YV4S/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3Y-YV4S/CE
Description  Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-YV4S/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3Y-YV4S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-YV4S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-YV4S/CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R3-YV4
R3-YV4 SPECIFICATIONS
ES-8372 Rev.13 Page 1/3
https://www.m-system.co.jp/
Remote I/O R3 Series
DC VOLTAGE OUTPUT MODULE
(4 points, isolated)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-YV4[1][2]
ORDERING INFORMATION
• Code number: R3-YV4[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-YV4W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
4: 4
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8372)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Output 1 to output 2 to output 3 to output 4 to
internal bus or internal power
Output range: Selectable with the side DIP SW
Output hold function: Setting for communication error with
side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
OUTPUT SPECIFICATIONS
■ Narrow Span: -1 – +1 V, 0 – 1 V DC
Load resistance: 10 kΩ min.
■ Wide Span: -10 – +10 V, -5 – +5 V, 0 – 10 V, 0 – 5 V, 1 – 5
V DC
Load resistance: 10 kΩ min.
■ Output Range
Except -10 to +10 V DC: -15 to +115 % of output range
-10 to +10 V DC: Approx. -11.5 to +11.5 V DC
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Conversion accuracy (Range):
-10 – +10 V : ±0.05 %
-5 – +5 V : ±0.05 %
-1 – +1 V : ±0.05 %
0 – 10 V : ±0.05 %
0 – 5 V : ±0.1 %
1 – 5 V : ±0.1 %
0 – 1 V : ±0.1 %
Data range: 0 – 10000 of the output range
Data allocation: 4
Current consumption: 150 mA
Temp. coefficient: ±0.015 % /°C (±0.008 %/°F)
(±0.03 % /°C [±0.02 %/°F] with 0 – 5 V or 1 – 5 V range)
Response time: ≤ 0.2 sec. (0 – 90 %)


Similar Part No. - R3Y-YV4S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3Y-YV8 MSYSTEM-R3Y-YV8 Datasheet
119Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3Y-YV8S MSYSTEM-R3Y-YV8S Datasheet
119Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3Y-YV8S MSYSTEM-R3Y-YV8S Datasheet
122Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3Y-YV8S/CE MSYSTEM-R3Y-YV8S/CE Datasheet
122Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3Y-YV8S/Q MSYSTEM-R3Y-YV8S/Q Datasheet
119Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
More results

Similar Description - R3Y-YV4S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-SV8 MSYSTEM-R3-SV8 Datasheet
127Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3-SV4 MSYSTEM-R3-SV4 Datasheet
124Kb / 3P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3Y-S4 MSYSTEM-R3Y-S4 Datasheet
117Kb / 3P
Remote I/O R3 Series DC CURRENT OUTPUT MODULE
R3-SYV4 MSYSTEM-R3-SYV4 Datasheet
132Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3-SYS4 MSYSTEM-R3-SYS4 Datasheet
131Kb / 4P
Remote I/O R3 Series DC CURRENT OUTPUT MODULE
R3Y-YV8 MSYSTEM-R3Y-YV8 Datasheet
119Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3Y-YS4 MSYSTEM-R3Y-YS4 Datasheet
118Kb / 4P
Remote I/O R3 Series DC CURRENT OUTPUT MODULE
R3Y-V8 MSYSTEM-R3Y-V8 Datasheet
122Kb / 4P
Remote I/O R3 Series DC VOLTAGE OUTPUT MODULE
R3Y-SV8 MSYSTEM-R3Y-SV8 Datasheet
125Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
R3Y-SV16 MSYSTEM-R3Y-SV16 Datasheet
126Kb / 4P
Remote I/O R3 Series DC VOLTAGE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com