Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-SS8NS/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-SS8NS/Q
Description  Remote I/O R3 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SS8NS/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-SS8NS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SS8NS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SS8NS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SS8NS/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3Y-SS16N
R3Y-SS16N SPECIFICATIONS
ES-8967 Rev.4 Page 4/4
http://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1A
COM
1B
COM
2A
COM
2B
COM
3A
COM
3B
COM
4A
COM
4B
COM
5A
IN16
5B
IN16
6A
IN8
6B
IN8
7A
IN15
7B
IN15
8A
IN7
8B
IN7
9A
IN14
9B
IN14
10A
IN6
10B
IN6
11A
IN13
11B
IN13
12A
IN5
12B
IN5
13A
IN12
13B
IN12
14A
IN4
14B
IN4
15A
IN11
15B
IN11
16A
IN3
16B
IN3
17A
IN10
17B
IN10
18A
IN2
18B
IN2
19A
IN9
19B
IN9
20A
IN1
20B
IN1
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com