Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3Y-SS8NS/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3Y-SS8NS/Q
Description  Remote I/O R3 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-SS8NS/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3Y-SS8NS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-SS8NS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-SS8NS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-SS8NS/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3Y-SS16N
R3Y-SS16N SPECIFICATIONS
ES-8967 Rev.4 Page 2/4
http://www.m-system.co.jp/
Dielectric strength: 1500 V AC @ 1 minute
(input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
EXTERNAL VIEW
B
20
A
20
B
1
A
1
ON
8
7
6
5
4
3
2
1
SW1
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
■ FRONT VIEW
■ SIDE VIEW
Input Connector
RUN LED
ERR LED
• Pin Assignment
Conv.
Rate
Range
Input 1-8 (SW1)
or
Input 9-16 (SW2)
Functions
EXTERNAL DIMENSIONS unit: mm (inch)
27.5 (1.08)
110 (4.33)
POSITIONING
GUIDE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com