Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3003 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # TR3003
Description  303.825 MHz Hybrid Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TR3003 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  TR3003 Datasheet HTML 1Page - RF Monolithics, Inc TR3003 Datasheet HTML 2Page - RF Monolithics, Inc TR3003 Datasheet HTML 3Page - RF Monolithics, Inc TR3003 Datasheet HTML 4Page - RF Monolithics, Inc TR3003 Datasheet HTML 5Page - RF Monolithics, Inc TR3003 Datasheet HTML 6Page - RF Monolithics, Inc TR3003 Datasheet HTML 7Page - RF Monolithics, Inc TR3003 Datasheet HTML 8Page - RF Monolithics, Inc TR3003 Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 12
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR3003-070105
•
Designed for Short-Range Wireless Data Communications
•
Supports RF Data Transmission Rates Up to 115.2 kbps
•
3 V, Low Current Operation plus Sleep Mode
•
Stable, Easy to Use, Low External Parts Count
•
Complies with Directive 2002/95/EC (RoHS)
The TR3003 hybrid transceiver is ideal for short-range wireless data applications where robust operation,
small size, low power consumption and low cost are required. The TR3003 employs RFM’s amplifier-se-
quenced hybrid (ASH) architecture to achieve this unique blend of character- istics. All critical RF functions
are contained in the hybrid, simplifying and speeding design-in. The receiver section of the TR3003 is sensi-
tive and stable. A wide dynamic range log detector, in combination with digital AGC and a compound data
slicer, provide robust performance in the presence of on-channel interference or noise. Two stages of SAW
filtering provide excellent receiver out-of-band rejection. The transmitter includes provisions for both on-off
keyed (OOK) and amplitude-shift keyed (ASK) modulation. The transmitter employs SAW filtering to suppress
output harmonics, facilitating compliance with FCC Part 15 and similar regulations.
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
303.825 MHz
Hybrid
Transceiver
TR3003
SM-20L Case
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fo
303.625
304.025
MHz
Modulation Types
OOK & ASK
OOK Data Rate
30
kbps
ASK Data Rate
115.2
kbps
Receiver Performance, High Sensitivity Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-109
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-103
dBm
Current, 2.4 kbps (RPR = 330 K)
2
3.0
mA
Sensitivity, 19.2 kbps, 10-3 BER, AM Test Method
1
-105
dBm
Sensitivity, 19.2 kbps, 10-3 BER, Pulse Test Method
1
-99
dBm
Current, 19.2 kbps (RPR = 330 K)
2
3.1
mA
Sensitivity, 115.2 kbps, 10-3 BER, AM Test Method
1
-101
dBm
Sensitivity, 115.2 kbps, 10-3 BER, Pulse Test Method
1
-95
dBm
Current, 115.2 kbps
3.8
mA
Receiver Performance, Low Current Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-104
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-98
dBm
Current, 2.4 kbps (RPR = 1100 K)
2
1.8
mA
Receiver Out-of-Band Rejection, ±5% fo
R±5%
3
80
dB
Receiver Ultimate Rejection
RULT
3
100
dB


Similar Part No. - TR3003

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3003 MURATA-TR3003 Datasheet
415Kb / 12P
303.825 MHz Hybrid Transceiver
More results

Similar Description - TR3003

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4103 RFM-DR4103 Datasheet
111Kb / 2P
303.825 MHz Transmitter Module
RX5003 RFM-RX5003 Datasheet
103Kb / 11P
303.825 MHz Hybrid Receiver
TX5003 RFM-TX5003 Datasheet
72Kb / 6P
303.825 MHz Hybrid Transmitter
DR3103 RFM-DR3103 Datasheet
206Kb / 5P
303.825 MHz Transceiver Module
logo
Murata Manufacturing Co...
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
303.825 MHz Hybrid Transceiver
TR3003 MURATA-TR3003 Datasheet
415Kb / 12P
303.825 MHz Hybrid Transceiver
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
DR4103 MURATA-DR4103 Datasheet
309Kb / 2P
303.825 MHz Transmitter Module
DR7003 MURATA-DR7003 Datasheet
412Kb / 7P
303.825 MHz Transceiver Module
DR7003-EV MURATA-DR7003-EV Datasheet
205Kb / 8P
303.825 MHz Transceiver Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com