Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3003 Datasheet(PDF) 11 Page - RF Monolithics, Inc

Part # TR3003
Description  303.825 MHz Hybrid Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TR3003 Datasheet(HTML) 11 Page - RF Monolithics, Inc

Back Button TR3003 Datasheet HTML 4Page - RF Monolithics, Inc TR3003 Datasheet HTML 5Page - RF Monolithics, Inc TR3003 Datasheet HTML 6Page - RF Monolithics, Inc TR3003 Datasheet HTML 7Page - RF Monolithics, Inc TR3003 Datasheet HTML 8Page - RF Monolithics, Inc TR3003 Datasheet HTML 9Page - RF Monolithics, Inc TR3003 Datasheet HTML 10Page - RF Monolithics, Inc TR3003 Datasheet HTML 11Page - RF Monolithics, Inc TR3003 Datasheet HTML 12Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 11 of 12
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR3003-070105
Pin
Name
Description
15
PWIDTH
The PWIDTH pin sets the width of the ON pulse to the first RF amplifier tPW1 with a resistor RPW to ground (the ON pulse
width to the second RF amplifier tPW2 is set at 1.1 times the pulse width to the first RF amplifier). The ON pulse width tPW1
can be adjusted between 0.55 and 1 µs with a resistor value in the range of 200 K to 390 K. The value of RPW is given by:
RPW = 404* tPW1 - 18.6, where tPW1 is in µs and RPW is in kilohms
A ±5% resistor value is recommended. When this pin is connected to Vcc through a 1 M resistor, the RF amplifiers operate
at a nominal 50%-50% duty cycle, facilitating high data rate operation. In this case, the RF amplifier ON times are con-
trolled by the PRATE resistor as described above. It is important to keep the total capacitance between ground, Vcc and
this node to less than 5 pF to maintain stability. When using the high data rate operation with the sleep mode, connect the
1 M resistor between this pin and CNTRL1 (Pin 17), so this pin is low in the sleep mode.
16
VCC2
VCC2 is the positive supply voltage pin for the receiver RF section and transmitter oscillator. Pin 16 must be bypassed with
an RF capacitor, and must also be bypassed with a 1 to 10 µF tantalum or electrolytic capacitor. See the ASH Transceiver
Designer’s Guide for additional information.
17
CNTRL1
CNTRL1 and CNTRL0 select the receive and transmit modes. CNTRL1 and CNTRL0 both high place the unit in the
receive mode. CNTRL1 high and CNTRL0 low place the unit in the ASK transmit mode. CNTRL1 low and CNTRL0 high
place the unit in the OOK transmit mode. CNTRL1 and CNTRL0 both low place the unit in the power-down (sleep) mode.
CNTRL1 is a high-impedance input (CMOS compatible). An input voltage of 0 to 300 mV is interpreted as a logic low. An
input voltage of Vcc - 300 mV or greater is interpreted as a logic high. An input voltage greater than Vcc + 200 mV should
not be applied to this pin. A logic high requires a maximum source current of 40 µA. A logic low requires a maximum sink
current of 25 µA (1 µA in sleep mode). This pin must be held at a logic level; it cannot be left unconnected.
18
CNTRL0
CNTRL0 is used with CNTRL1 to control the receive and transmit modes of the transceiver. CNTRL0 is a high-impedance
input (CMOS compatible). An input voltage of 0 to 300 mV is interpreted as a logic low. An input voltage of Vcc - 300 mV or
greater is interpreted as a logic high. An input voltage greater than Vcc + 200 mV should not be applied to this pin. A logic
high requires a maximum source current of 40 µA. A logic low requires a maximum sink current of 25 µA (1 µA in sleep
mode). This pin must be held at a logic level; it cannot be left unconnected.
19
GND3
GND3 is an IC ground pin. It should be connected to GND1 by a short, low inductance trace.
20
RFIO
RFIO is the RF input/output pin. This pin is connected directly to the SAW filter transducer. Antennas presenting an imped-
ance in the range of 35 to 72 ohms resistive can be satisfactorily matched to this pin with a series matching coil and a
shunt matching/ESD protection coil. Other antenna impedances can be matched using two or three components. For
some impedances, two inductors and a capacitor will be required. A DC path from RFIO to ground is required for ESD pro-
tection.
0.000
.0775
.1025
.1175
.1575
.1975
.2375
.2775
.3175
.3575
.3825
.4600
Dimensions in inches
SM-20L PCB Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com