Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODV120-F200-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ODV120-F200-R2
Description  Stationary read device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ODV120-F200-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ODV120-F200-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Stationary read device
ODV120-F200-R2
< 10 m/s motion speed
< 30 scans per second
< All common 1-D or 2-D codes can be read
< Integrated error image memory
< Code quality index output
Stationary multicode read device for all common 1-D, 2-D and Pharmacodes at speeds of 10 m/s, XVGA
resolution, Ethernet
Function
The stationary reading device is an optical identification system for reading up to 26 several code symbology. With its high-performance signal
processor, a partial image capture function, and optimized decoding algorithms, the device features extremely high reading speeds.
The stationary reading device can be configured easily and quickly using a normal web browser via the standard Ethernet interface. The reading
device also features an integrated error image memory.
Typical areas of application are
l
Document handling
l
Printing machines
l
Identification in the packaging and warehouse sector
l
PCB identification
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Description - ODV120-F200-R2

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
logo
Pepperl+Fuchs Inc.
OPC120W-F200-R2-EX PF-OPC120W-F200-R2-EX Datasheet
1Mb / 4P
Stationary read device
OPC70P-F201-R2-45 PF-OPC70P-F201-R2-45 Datasheet
846Kb / 5P
Stationary read device
OPC120P-F201-B17 PF-OPC120P-F201-B17 Datasheet
950Kb / 6P
Stationary read device
OPC120P-F201-R2 PF-OPC120P-F201-R2 Datasheet
893Kb / 6P
Stationary read device
OPC120W-F200-R2 PF-OPC120W-F200-R2 Datasheet
910Kb / 6P
Stationary read device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com