Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODV120-F200-R2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # ODV120-F200-R2
Description  Stationary read device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ODV120-F200-R2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  ODV120-F200-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. ODV120-F200-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions
12.5
50
M12
M12
M6 x 9 (4x)
25
12
70
13.8
Technical Data
General specifications
Light type
Integrated LED lightning (white)
Symbologies
Maxi Code, PDF 417, Data Matrix, QR Code, MicroPDF 417, GoCode, UCC
Composite, Aztec Code, Code 39, Code 128, UPC, EAN, JAN, Int 2 of 5, Codabar,
Code 93, UCC RSS, POSTNET, PLANET, Japanese Post, Australia Post, Royal Mail,
RM4SCC, KIX Code, Codablock, Pharmacode
Read distance
80 ... 200 mm Depending on code symbology
Depth of focus
± 60 mm
Reading field
max. 110 mm x 70 mm
Modul size
min. 0.2 mm
Evaluation frequency
up to 30 Hz
Target velocity
triggered max. 10 m/s
Data Matrix
Symbol size
rectangular up to 144 x 144 modules
rectangular up to 16 x 48 modules
Data format
ASCII, C40, Text, X12, Edifact, Base 256 , all according to ISO 646
Orientation
omnidirectional
Nominal ratings
Camera
Type
CMOS , Global shutter
Number of pixels
752 x 480 pixels
Gray scale
256
Image recording
real-time , Program-controlled or triggered externally
Functional safety related parameters
Stationary read device
ODV120-F200-R2
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com