Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4HEIP-DC16B-4-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7F4HEIP-DC16B-4-R
Description  Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4HEIP-DC16B-4-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7F4HEIP-DC16B-4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R7F4HEIP-DC16B
R7F4HEIP-DC16B SPECIFICATIONS
ES-8005-C Rev.0 Page 5/5
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm [inch]
125 [4.92]
2-M4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
*1. The network cable can be connected to either one.
*1
EtherNet/IP RJ-45 MODULAR JACK
*1
EtherNet/IP RJ-45 MODULAR JACK
Control
Circuit
3
4
2
25
26
24
1
14
29
30
28
51
52
50
27
40
4
5
3
1
2
24V DC
FE
NC
NC
0V
+24V1
Y7
GND1
+24V2
Y8
GND2
+24V2
Y15
GND2
+24V1
GND1
+24V2
GND2
+24V1
Y0
GND1
OUTPUT Y0
OUTPUT Y7
OUTPUT Y8
OUTPUT Y15
EXC. SUPPLY (IN)
EXC. SUPPLY (IN)
Isolation
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com