Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4HEIP-DC16B-4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7F4HEIP-DC16B-4-R
Description  Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4HEIP-DC16B-4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7F4HEIP-DC16B-4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4HEIP-DC16B-4-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R7F4HEIP-DC16B
R7F4HEIP-DC16B SPECIFICATIONS
ES-8005-C Rev.0 Page 1/5
https://www.m-system.co.jp/
Remote I/O R7F4HEIP Series
EtherNet/IP I/O MODULE
(PNP transistor output, 16 points, tension clamp terminal
block)
Functions & Features
• 16 points PNP transistor output module for EtherNet/IP
• Supports DLR (Device Level Ring) to form a ring topology
72 [2.83]
115 [4.53]
55 [2.17]
mm [inch]
MODEL: R7F4HEIP-DC16B-4-R[1]
ORDERING INFORMATION
• Code number: R7F4HEIP-DC16B-4-R[1]
Specify a code from below for [1].
(e.g. R7F4HEIP-DC16B-4-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
I/O TYPE
DC16B: PNP transistor output, 16 points
TERMINAL BLOCK: 4
Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
Tension clamp terminal block for I/O
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R7CFG)
• EDS file
The EDS file and configurator software are downloadable at
M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
EtherNet/IP: RJ-45 Modular Jack
Power supply, exc. supply, output: Tension clamp terminal
Housing material: Flame-resistant resin (gray)
Isolation: Output or exc. supply to EtherNet/IP or FE to
power
Output at the loss of communication: Configurable via
R7CFG
Status indicator LED: PWR, LNK1, LNK2
(Refer to the instruction manual)
Discrete output status indicator LED: Green LED turns on
with output ON
EtherNet/IP COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: EtherNet/IP
Max. number of socket connections: 3
Connection type: Exclusive owner / Listen only / Input only
Transmission media: 10BASE-T (STP, Category 5), 100BASE-
TX (STP, Category 5e)
Network topology: Line, star and ring
Max. length of fieldbus segment: 100 meters
IP address: 192.168.0.250 (factory setting);
Only host address in IP address is configurable via rotary
switches, the other items via PC configurator software
(model: R7CFG).
DLR supported
Port No.: 2222, 44818
I/O data size: One (1) word
Status indicator LEDs: MS, NS (Refer to the instruction
manual for details)


Similar Part No. - R7F4HEIP-DC16B-4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HEIP-DC16A MSYSTEM-R7F4HEIP-DC16A Datasheet
522Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DC16A-4-R MSYSTEM-R7F4HEIP-DC16A-4-R Datasheet
522Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DC16A-4-R/Q MSYSTEM-R7F4HEIP-DC16A-4-R/Q Datasheet
522Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
More results

Similar Description - R7F4HEIP-DC16B-4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NEIP1 MSYSTEM-R3-NEIP1 Datasheet
178Kb / 6P
Remote I/O R3 Series EtherNet/IP INTERFACE MODULE
R7F4HEIP-DC16A MSYSTEM-R7F4HEIP-DC16A Datasheet
522Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16C MSYSTEM-R7F4HEIP-DAC16C Datasheet
527Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16B MSYSTEM-R7F4HEIP-DAC16B Datasheet
524Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7G4HEIP-6-DA16 MSYSTEM-R7G4HEIP-6-DA16 Datasheet
195Kb / 5P
Remote I/O R7G4H Series EtherNet/IP I/O MODULE
R7G4HEIP-6-DC16A MSYSTEM-R7G4HEIP-6-DC16A Datasheet
194Kb / 5P
Remote I/O R7G4H Series EtherNet/IP I/O MODULE
R7G4HEIP-6-DC16B MSYSTEM-R7G4HEIP-6-DC16B Datasheet
194Kb / 5P
Remote I/O R7G4H Series EtherNet/IP I/O MODULE
R7K4FE-6-DC16 MSYSTEM-R7K4FE-6-DC16 Datasheet
258Kb / 7P
Remote I/O R7K4F Series ETHERNET I/O MODULE
logo
Weidmuller
1550550000 WEIDMULLER-1550550000 Datasheet
344Kb / 4P
Remote I/O fieldbus coupler, IP20, Ethernet, EtherNet/IP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com