Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6S-TS2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6S-TS2
Description  Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-TS2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6S-TS2 Datasheet HTML 1Page - M-System Co.,Ltd. R6S-TS2 Datasheet HTML 2Page - M-System Co.,Ltd. R6S-TS2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6S-TS2
R6S-TS2 SPECIFICATIONS
ES-7781-BI Rev.1 Page 1/3
https://www.m-system.co.jp/
Remote I/O R6 Series
THERMOCOUPLE INPUT MODULE
(2 points, Tension clamp)
Functions & Features
• Accepts direct input from an thermocouple and provides
an isolated, linearized DC signal compact size remote I/O
module
5.9 [.23]
94
[3.70]
102
[4.02]
mm [inch]
MODEL: R6S–TS2[1]
ORDERING INFORMATION
• Code number: R6S-TS2[1]
Specify a code from below for [1].
(e.g. R6S-TS2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R6CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6S-BS)
Input:Tension clamp
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Internal power: Via the Installation Base (model: R6S-BS)
Housing material: Flame-resistant resin (black)
Isolation: Input 1 to input 2 to internal bus or internal power
Zero adjustments: PC programming
Span adjustments: PC programming
Input type: Selectable with the side DIP SW or PC
programming
Burnout detection: Upscale or downscale selectable with the
side DIP SW or PC programming
Linearization: Standard
Cold Junction Compensation: CJC sensor incorporated
Module address: Selectable with DIP and rotary switches on
the side
Configuration mode: With DIP switches on the side panel
Power indicator: Green LED; Refer to the istruction manual
for details.
Status indicator: Bi-color (red/green) LED;
Refer to the instruction manual for details.
INPUT SPECIFICATIONS
Thermocouple: K, E, J, T, B, R, S, C, N, U, L, P, PR
Input resistance: 30 kΩ min.
Burnout sensing: ≤ 0.1 μA
T/C
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
K (CA)
E (CRC)
J (IC)
-272 to +1472
-272 to +1100
-260 to +1300
-150 to +1370
-170 to +1000
-180 to +1200
T (CC)
B (RH)
R
-272 to
+500
24 to
1920
-100 to +1860
-170 to +400
1000 to 1760
380 to 1760
S
C (WRe 5-26)
N
-100 to +1860
-52 to +2416
-272 to +1400
400 to 1760
100 to 2315
-130 to +1300
U
L
P (Platinel II)
(PR)
-252 to
+700
-252 to +1000
-52 to +1496
-52 to +1860
-200 to +600
-200 to +900
0 to 1395
300 to 1760
INSTALLATION
Current consumption: 20 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6S-BS)
Weight: 60 g (2.1 oz)


Similar Part No. - R6S-TS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6S-TS2A MSYSTEM-R6S-TS2A Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6S-TS2A/Q MSYSTEM-R6S-TS2A/Q Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
More results

Similar Description - R6S-TS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2A MSYSTEM-R6D-TS2A Datasheet
123Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-RS2 MSYSTEM-R6D-RS2 Datasheet
124Kb / 3P
Remote I/O R6 Series RTD INPUT MODULE
R6N-RS2 MSYSTEM-R6N-RS2 Datasheet
137Kb / 3P
Remote I/O R6 Series RTD INPUT MODULE
R6N-TS2 MSYSTEM-R6N-TS2 Datasheet
140Kb / 4P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A MSYSTEM-R6N-TS2A Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R6S-TS2A MSYSTEM-R6S-TS2A Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A. MSYSTEM-R6N-TS2A. Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com