Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6S-TS2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R6S-TS2
Description  Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-TS2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R6S-TS2 Datasheet HTML 1Page - M-System Co.,Ltd. R6S-TS2 Datasheet HTML 2Page - M-System Co.,Ltd. R6S-TS2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R6S-TS2
R6S-TS2 SPECIFICATIONS
ES-7781-BI Rev.1 Page 2/3
https://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: ±1°C (±1.8°F) except ±2°C (±3.6°F)
for B, R, S, C, PR
Conversion rate: 250 msec. / 500 msec.(PC programmable.
Factory set to 500 msec.)
Converted data range:
• Engineering unit value (°C, K) × 10 (integer)
• Engineering unit value (°F)
Data allocation: 2
Cold junction compensation error:
±3°C at 25 ±10°C
±5.4°F at 77 ±18°F
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: Conversion rate × 2 + 50 msec. or less
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
8
7
A
9
• Front View (cover opened)
• Side View
5
6
7
8
1
2
3
4
Module Address
Setting
Operating Mode
Setting
Status LED
Power LED
Refer to the instruction manual for setting procedures.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com