Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-3DAC16B-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7F4DH-3DAC16B-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-3DAC16B-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7F4DH-3DAC16B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 8Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 5/77
http://www.m-system.co.jp/
CONNECTION DIAGRAMS
■ I/O connection (Refer to each model terminal assignment)
• e-CON connector
Recommended cable connector: 37104-( )-000FL (3M Company)
(The cable connector is not included in the package.
Specify wire size instead of ( ); refer to the specifications of the product.)
• MIL connector
Recommended cable connector: XG4M-2030 (Omron)
(The cable connector is not included in the package.)
• Tension clamp terminal block
Cable connector: FMC1,5/16-ST-3,5 (Phoenix Contact)
(The cable connector is included in the package.)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
- AI0,25−10YE 0.25 mm2 (Phoenix Contact)
- AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
- AI0,5−10WH 0.5 mm2 (Phoenix Contact)
- AI0,75−10GY 0.75 mm2 (Phoenix Contact)
- A1−10 1.0 mm2 (Phoenix Contact)
- A1,5−10 1.5 mm2 (Phoenix Contact)
■ POWER SUPPLY
Cable connector: TFMC1,5 / 5–STF–3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE
0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ
0.34 mm2 (Phoenix Contact)
• AI0,5−10WH
0.5 mm2 (Phoenix Contact)
• AI0,75−10GY
0.75 mm2 (Phoenix Contact)
• A1−10
1.0 mm2 (Phoenix Contact)
• A1,5−10
1.5 mm2 (Phoenix Contact)
1
2
3
4
5
1. PWR+
2. PWR–
3. FE
4. SNSR.EXC+
5. SNSR.EXC–
Power Supply
Power Supply
Functional earth
Sensor excitation
Sensor excitation
Note: The numbers marked on the connector have no relationship to the pin number of the unit.
Wire according to the instruction manual of the unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com