Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-3DAC16B-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R7F4DH-3DAC16B-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-3DAC16B-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button R7F4DH-3DAC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 8Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 9Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 10Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 11Page - M-System Co.,Ltd. R7F4DH-3DAC16B-R Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 8/77
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
■ TERMINAL BLOCK CODE 1 (e-CON)
115 (4.53)
35 (1.38)
36.5 (1.44)
123 (4.84)
DIN RAIL
35mm wide
4 (.16)
138 (5.43)
2 - 4.3 dia. 4 deep
(2 - 1.17 dia. 0.16 deep)
■ TERMINAL BLOCK CODE 2, 3 (MIL)
115 (4.53)
123 (4.84)
DIN RAIL
35mm wide
4 (.16)
48 (1.89)
138 (5.43)
2 - 4.3 dia. 4 deep
(2 - 1.17 dia. 0.16 deep)
■ TERMINAL BLOCK CODE 2, 3 (MIL, 32 pin)
115 (4.53)
123 (4.84)
DIN RAIL
35mm
wide
4 (.16)
53 (2.09)
138 (5.43)
2 - 4.3 dia. 4 deep
(2 - 1.17 dia. 0.16 deep)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com