Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FN-YV2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7FN-YV2
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-YV2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7FN-YV2 Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R7FN-YV2
R7FN-YV2 SPECIFICATIONS
ES-7808-D Rev.0 Page 3/6
http://www.m-system.co.jp/
EXTERNAL VIEW
Output Terminals
2
3
4
1
5
10
7
8
9
6
FLEX NETWORK,
Power Supply Terminals
X10
X1
STATION ADD.
CNFG.
1 2 3 4 5 6 7 8
4
5
6
7
1
2
3
RUN
PWR
ON
Status Indicator LED
Station Address Setting Rotary SW
Operating Mode Setting DIP SW (SW1)
PC Configurator Jack
67
89A
67
89A
CONNECTION DIAGRAMS
■ MASTER CONNECTION
TR+
TR–
JP+
JP–
FG
TR+
TR–
JP+
JP–
FG
TR+
TR–
SHIELD
Master Station
Slave Station
Slave Station
Terminating
Resistor
Terminating
Short Bar
Note: Be sure to use the terminator(s) located at both ends of the modules.
TERMINAL ASSIGNMENTS
■OUTPUT TERMINAL ASSIGNMENT
6
NC
7
VH0
8
VL0
1
NC
2
COM0
3
COM0
9
VH1
4
COM1
10
VL1
5
COM1
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
6
NC
No connection
2
COM0 Common 0
7
VH0 Wide span volt. 0
3
COM0 Common 0
8
VL0 Narrow span volt. 0
4
COM1 Common 1
9
VH1 Wide span volt. 1
5
COM1 Common 1
10
VL1 Narrow span volt. 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com