Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FN-YV2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7FN-YV2
Description  Remote I/O R7 Series FLEX NETWORK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7FN-YV2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7FN-YV2 Datasheet HTML 1Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 2Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 3Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 4Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 5Page - M-System Co.,Ltd. R7FN-YV2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R7FN-YV2
R7FN-YV2 SPECIFICATIONS
ES-7808-D Rev.0 Page 2/6
http://www.m-system.co.jp/
FLEX NETWORK COMMUNICATION
Communication configuration: 1: N
Connection method: Multi-drop Connection
Communication method: Cyclic Time Division, half-duplex
Communication I/F: Differential, pulse transfer isolation
Error Check: Format, bit, CRC-12 verification
Max. Number of Nodes: 63 (1008 I/O points)
Required node: 2
Network cable: Pro-face’s following cable
FN-CABLE2010-31-MS (10 m)
FN-CABLE2050-31-MS (50 m)
FN-CABLE2200-31-MS (200 m)
Transmission distance: 12 Mbps: 100 meters (328 ft)(*)
6 Mbps: 200 meters (656 ft)
(*) Factory default setting
Station address: Rotary switch
(Refer to the instruction manual)
Terminating resistor: Built-in
OUTPUT SPECIFICATIONS
■ Narrow Span voltage
Output range: -1 – +1 V DC, 0 – 1 V DC, -0.5 – +0.5 V DC
Load resistance: 100 kΩ min.
■ Wide Span voltage
Output range: -10 – +10 V DC (*), -5 – +5 V DC, 0 – 10 V DC,
0 – 5 V DC, 1 – 5 V DC
(*) factory default setting
Load resistance: 100 kΩ min.
■ Operational range
Except -10 to +10 V DC: -15 to +115 % of output range
-10 to +10 V DC: Approx. -11.5 to +11.5 V DC
INSTALLATION
Current consumption
•DC: Approx. 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail (35 mm rail)
Weight: 200 g (0.44 lb)
PERFORMANCE
Conversion accuracy: ±0.1 %
Data range: 0 – 10000 of the output range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Output delay time: ≤ 250 msec. (0 - 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (output 0 to
output 1 to FLEX NETWORK to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
FUNCTIONS
Output hold function:
Output at the loss of communication is selectable from
output clear (fix the output at -15 % or approx. -11.5 V) and
output hold (last normally received data) with DIP switch.
At the startup, it outputs -15 % or approx. -11.5 V until the
communication is established and normal data is received.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com