Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4FML3-B-DA16A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4FML3-B-DA16A-R
Description  Remote I/O R7G4F Series MECHATROLINK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4FML3-B-DA16A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4FML3-B-DA16A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R7G4FML3-B-DA16A
R7G4FML3-B-DA16A SPECIFICATIONS
ES-7774-D Rev.0 Page 3/6
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
■ INPUT TERMINAL ASSIGNMENT
X0
4
1
2
3
X1
X2
X3
X4
X5
X6
X7
X8
X9
X10
X11 X12 X13 X14 X15
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
X0
1
+24V
24V DC
X8
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X0
Input 0
4
X8
Input 8
X1
1
+24V
24V DC
X9
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X1
Input 1
4
X9
Input 9
X2
1
+24V
24V DC
X10
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X2
Input 2
4
X10
Input 10
X3
1
+24V
24V DC
X11
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X3
Input 3
4
X11
Input 11
X4
1
+24V
24V DC
X12
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X4
Input 4
4
X12
Input 12
X5
1
+24V
24V DC
X13
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X5
Input 5
4
X13
Input 13
X6
1
+24V
24V DC
X14
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X6
Input 6
4
X14
Input 14
X7
1
+24V
24V DC
X15
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
X7
Input 7
4
X15
Input 15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com