Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4FML3-B-DA16A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4FML3-B-DA16A-R
Description  Remote I/O R7G4F Series MECHATROLINK I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4FML3-B-DA16A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4FML3-B-DA16A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4FML3-B-DA16A-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R7G4FML3-B-DA16A
R7G4FML3-B-DA16A SPECIFICATIONS
ES-7774-D Rev.0 Page 4/6
http://www.m-system.co.jp/
■POWER SUPPLY TERMINAL ASSIGNMENT
• Tension clamp terminal block
Cable connector: FMC1,5/5-ST-3,5 (Phoenix Contact)
(The cable connector is included in the package.)
Applicable wire size: 0.2 to 1.5 mm2
stripped length: 10 mm
Recommended solderless terminal
- AI0,25−10YE
0.25 mm2 (Phoenix Contact)
- AI0,34-10TQ
0.34 mm2 (Phoenix Contact)
- AI0,5-10WH
0.5 mm2 (Phoenix Contact)
- AI0,75-10GY
0.75 mm2 (Phoenix Contact)
- A1-10
1.0 mm2 (Phoenix Contact)
- A1,5-10
1.5 mm2 (Phoenix Contact)
1
2
3
4 5
1. PWR +
2. PWR –
3. FE
4. SNSR.EXC +
5. SNSR.EXC –
Note: The numbers marked on the connector have no relationship
to the pin number of the unit.
Wire according to the instruction manual of the unit.
Power Supply
Power Supply
Functional earth
Sensor excitation
Sensor excitation
MECHATROLINK RELATED COMMANDS
Commands available with this unit are the following.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O pro le
DATA_RWA
20H
Transmit I/O data
RESPONSE TIME
Response time of discrete input module is the time till when the unit starts sending to a transmission line when a signal is
applied to the input module.
TCOM: MECHATROLINK-III transmission cycle configured by a host device.
MECHATROLINK-III transmission cycle vavies depends on system and configuration.
TINP: Response time of input module ≤ Ta Delay of input circuit (ON delay time or OFF delay time) +
Tb Read rate setting time +
Tc Internal processing delay time (2 cycle of MECHATROLINK-III transmission cycle)
E.g. Read rate of 1 msec., MECHATROLINK-III transmission cycle of 0.25 msec.
Response time of input module (TINP): Delay of input circuit (0.2 msec.) + Read rate setting time (1 msec.) +
Internal processing delay time (0.25 msec.) x 2 = 1.7 [msec.]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com