Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HEIP-6-DCV16A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4HEIP-6-DCV16A-R
Description  Remote I/O R7G4H Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HEIP-6-DCV16A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4HEIP-6-DCV16A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R7G4HEIP-6-DC16A
R7G4HEIP-6-DC16A SPECIFICATIONS
ES-8004-B Rev.1 Page 4/5
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
0
15
Output 0
Output 1
Output 2
Output 3
Output 15
Output 7
Output 8
0: OFF 1: ON
■ DISCRETE OUTPUT
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm
6
4
5
6
7
1
2
3
6
10
11 12
13
2
3
4
1
15
16 17
18
7
8
9
6
14
5
2 – 4.3 dia. 4 deep.
18–M3 SCREW
TERMINALS for Output
7–M3 SCREW
TERMINALS for
POWER SUPPLY
130 (5.12)
140 (5.51)
154 (6.06)
DIN RAIL
35mm wide
[(4) 0.16]
55 (2.17)
MOUNTING REQUIREMENTS unit: mm (inch)
140 (5.51)
2 – M4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com