Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HEIP-6-DCV16A-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G4HEIP-6-DCV16A-R
Description  Remote I/O R7G4H Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HEIP-6-DCV16A-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G4HEIP-6-DCV16A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HEIP-6-DCV16A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R7G4HEIP-6-DC16A
R7G4HEIP-6-DC16A SPECIFICATIONS
ES-8004-B Rev.1 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
Control
Circuit
10
2
V+
Y0
18 Y15
1 V–
10
18
1
2
V+
Y0
V–
−
+
Y15
6
7
24V DC
0V
3
2
4
5
1
FE
NC
NC
NC
NC
1
5
10
2
6
4
7
13
8
9
14
12
15
11
16
17
18
V–
V+
Y2
Y4
Y6
Y8
Y10
Y12
Y14
Y1
Y15
Y3
Y5
Y7
Y9
Y11
Y13
Y0
3
RJ-45 Modular Jack
RJ-45 Modular Jack
EtherNet/IP
EtherNet/IP
*1
*1
Comm. Circuit
Output Circuit
Control
Circuit
*1. The network cable can be connected to either one.
■ Output Connection Examples
■ Output Circuit
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com