Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HEIP-6-DC16B-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HEIP-6-DC16B-R
Description  Remote I/O R7G4H Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HEIP-6-DC16B-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HEIP-6-DC16B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R7G4HEIP-6-DC16B
R7G4HEIP-6-DC16B SPECIFICATIONS
ES-8004-C Rev.1 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
PWR
SA1
×10
SA2
×1
LNK2
NS
LNK1
MS
LNK1
LNK2
CNFG.
Status Indicator LED
RJ-45 Modular Jack
IP Address Setting
Rotary SW
PC Configurator Jack
Output Terminals
Power Supply Terminals
Discrete Output Status Indicator LED
TERMINAL ASSIGNMENTS
■OUTPUT TERMINAL ASSIGNMENT
14
5
6
Y7
Y6
Y8
15
Y9
16
17
18
7
8
9
Y11
Y13
Y15
Y10
Y12
10
1
2
V+
V-
Y0
11
Y1
12
13
3
4
Y3
Y5
Y2
Y4
Y14
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
V-
0V
10
V+
24V DC (Out. Common)
2
Y0
Output 0
11
Y1
Output 1
3
Y2
Output 2
12
Y3
Output 3
4
Y4
Output 4
13
Y5
Output 5
5
Y6
Output 6
14
Y7
Output 7
6
Y8
Output 8
15
Y9
Output 9
7
Y10
Output 10
16
Y11
Output 11
8
Y12
Output 12
17
Y13
Output 13
9
Y14
Output 14
18
Y15
Output 15
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com