Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HEIP-6-DC16B-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7G4HEIP-6-DC16B-R
Description  Remote I/O R7G4H Series EtherNet/IP I/O MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HEIP-6-DC16B-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7G4HEIP-6-DC16B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HEIP-6-DC16B-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R7G4HEIP-6-DC16B
R7G4HEIP-6-DC16B SPECIFICATIONS
ES-8004-C Rev.1 Page 1/5
http://www.m-system.co.jp/
Remote I/O R7G4H Series
EtherNet/IP I/O MODULE
(PNP transistor output, 16 points, screw terminal block)
Functions & Features
• 16 points PNP transistor output module for EtherNet/IP
• Supports DLR (Device Level Ring) to form a ring topology
55 (2.17)
(mm)
55 (2.17)
130 (5.12)
MODEL: R7G4HEIP-6-DC16B-R[1]
ORDERING INFORMATION
• Code number: R7G4HEIP-6-DC16B-R[1]
Specify a code from below for [1].
(e.g. R7G4HEIP-6-DC16B-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
TERMINAL BLOCK
6: Screw terminal block for power supply
RJ-45 Modular jack for communication
Screw terminal block for I/O
I/O TYPE
DC16B: PNP transistor output, 16 points
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R7CFG)
• EDS file
The EDS files and configurator software are downloadable at
M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
GENERAL SPECIFICATIONS
Connection
EtherNet/IP: RJ-45 Moduler Jack
Power input, output: M3 separable screw terminal (torque
0.5 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Output to EtherNet/IP or FE to power
Output at the loss of communication: Configurable via
R7CFG
Status indicator LED: PWR, RUN
(Refer to the instruction manual)
Discrete output status indicator LED: Green LED turns on
with output ON
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
EtherNet/IP COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: EtherNet/IP
Max. number of socket connections: 3
Connection type: Exclusive owner / Listen only / Input only
Transmission media: 10BASE-T (STP, Category 5), 100BASE-
TX (STP, Category 5e)
Network topology: Line, star and ring
Max. length of fieldbus segment: 100 meters
IP address: 192.168.0.250 (factory setting);
Only host address in IP address is configurable via rotary


Similar Part No. - R7G4HEIP-6-DC16B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G4HEIP-6-DC16A MSYSTEM-R7G4HEIP-6-DC16A Datasheet
194Kb / 5P
Remote I/O R7G4H Series EtherNet/IP I/O MODULE
More results

Similar Description - R7G4HEIP-6-DC16B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HEIP-DC16B MSYSTEM-R7F4HEIP-DC16B Datasheet
524Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DC16A MSYSTEM-R7F4HEIP-DC16A Datasheet
522Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16C MSYSTEM-R7F4HEIP-DAC16C Datasheet
527Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7F4HEIP-DAC16B MSYSTEM-R7F4HEIP-DAC16B Datasheet
524Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
R7G4HEIP-6-DA16 MSYSTEM-R7G4HEIP-6-DA16 Datasheet
195Kb / 5P
Remote I/O R7G4H Series EtherNet/IP I/O MODULE
R7G4HEIP-6-DC16A MSYSTEM-R7G4HEIP-6-DC16A Datasheet
194Kb / 5P
Remote I/O R7G4H Series EtherNet/IP I/O MODULE
R7G4HML3-6-LC2 MSYSTEM-R7G4HML3-6-LC2 Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-PA1 MSYSTEM-R7G4HML3-6-PA1 Datasheet
314Kb / 10P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-STYVS1 MSYSTEM-R7G4HML3-6-STYVS1 Datasheet
252Kb / 9P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7G4HML3-6-SV4 MSYSTEM-R7G4HML3-6-SV4 Datasheet
254Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com