Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2A-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R7G4HML3-6-LC2A
R7G4HML3-6-LC2A SPECIFICATIONS
ES-7772-H Rev.0 Page 3/7
http://www.m-system.co.jp/
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ SETTINGS FOR INDIVIDUAL CHANNELS
PARAMETER
SETTING RANGE
DEFAULT SETTING
Zero adjustment
Not exceeding allow-
able roll weight of the
sensor
–
Span adjustment
10% to full scale
Full scale
Auto zero
–
–
Reset offset
–
–
Auto scale
0 to 32 000
–
Bias
-320.00 to +320.00 (%)
0.00 (%)
Gain
-3.2000 to +3.2000
1.0000
Zero scale
-32 000 to +32 000
0
Full scale
-32 000 to +32 000
10 000
Load ratio
10.00 to 100.00 (%)
100.00 (%)
Averaging
2, 4, 8, 16, 32, 64, 128,
256, 512, 1024
16
Lowpass lter
2Hz, 2kHz
2kHz
Monitor output
-115.00 to +115.00 (%)
–
EXTERNAL VIEW
Status Indicator LED
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
PWR
SA1
×10
SA2
×1
LNK2
CON
LNK1
ERR
LNK1
LNK2
CNFG.
Station Address Setting Rotary SW
PC Configurator Connector
Power Supply Terminals
I/O Terminals
Input Status Indicator LED
MECHATROLINK- III
Connectors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com