Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-LC2A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-LC2A-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-LC2A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7G4HML3-6-LC2A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-LC2A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R7G4HML3-6-LC2A
R7G4HML3-6-LC2A SPECIFICATIONS
ES-7772-H Rev.0 Page 2/7
http://www.m-system.co.jp/
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
MECHATROLINK-III COMMUNICATION
Baud rate: 100 Mbps
Transmission distance: 6300 m max.
Distance between stations: 100 m max.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6013-x-E, Yaskawa Controls Co., Ltd.)
Connector: TYCO AMP Industrial mini I/O connector
Max. number of slaves: 62
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Transmission cycle: 125 µsec., 250 µsec., 500 µsec., 1 – 64
msec. (with 1 msec. increments)
Communication cycle: 125 µsec. through 64 msec.
Applicable profile: Standard I/O profile (cyclic
communication)
Event-driven communication acquiring ID profile (event-
driven communication)
Transmission bytes: 16 bytes
Station address: 03H through EFH (set with rotary switches)
Cyclic communication: Available
Event-driven communication: Available
Message transmission command: 01H, 7FH
Slave monitoring: None
INPUT SPECIFICATIONS
■Nireco tension sensor input
• Tension sensor
Applicable sensor: MB tension sensor, MG tension sensor
(Nireco)
Zero adjustment: max. allowable roll weight of a sensor
Lowpass filter: approx. 2 kHz or approx. 2 Hz
Conversion rate: min. 2000 samples/sec.
• Excitation: 6 V ±5%
Maximum current: max. 15 mA
OUTPUT SPECIFICATIONS
Output range: 0 – 10 V DC (for input 0 - 100 %)
Load resistance: ≥ 100 kΩ
Operational range: -115 - +115 %
INSTALLATION
Current consumption
•DC: Approx. 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 220 g (0.49 lb)
PERFORMANCE
Accuracy:
Tension sensor input: ±0. 1% (% for max. span of wrap
angle 0°, number of average min. 16)
Monitor output accuracy: ±0.1 %
Converted data range:
Input 0 / input 1: 0 – 10000 of the range from zero to span
Total input data: Sum of input 0 and input 1
Temperature coefficient
Tension sensor input: ±0.015 %/°C (±0.008 %/°F) % for
max. span of wrap angle 0°
Monitor output: ±0.015 %/°C (±0.008 %/°F)
Input delay time:
Lowpass filter 2 kHz max. 20 msec. (0 - 90 %)
Lowpass filter 2 Hz max. 200 msec. (0 - 90 %)
Output delay time: ≤ 250 msec. (0 – 90 %)
Resolution: 1/10000 (max. span of wrap angle 0°)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Isolation: 1500 V AC @ 1 minute
(input 0 or monitor output 0 to input 1 or monitor output 1
to MECHATROLINK or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com