Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1A4-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A4-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R7G4HML3-6-PA1A4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 7/10
http://www.m-system.co.jp/
DATA CONVERSION
■ ENCODER INPUT (SPEED CONVERSION DATA)
Encoder input data is converted into digital representations of 0 – 100% proportional to each scaled range.
The converted % values are multiplied by 100 and expressed in 16 bits.
Overrange input is possible from -15 to +115% of the nominal range.
When the signal exceeds the limit, the data is fixed at -15% or +115% respectively.
 
· Input Range 0 – 100 kHz
Input Value
Input % Converted Data, Decimal Converted Data, Hex
-130kHz
-15%
-1500
FA24
-100kHz
0%
0
0
0kHz
50%
5000
1388
100kHz
100%
10000
2710
130kHz
115%
11500
2CEC
11500 (2CEC)
10000 (2710)
5000 (1388)
-130
-1500 (FA24)
-100
100 130
0
(kHz)
0Hz
+
-
ACCEL.
ACCEL.
DECEL.
STOP
REVERSE
FORWARD
ϕ A INPUT
ϕ B INPUT
CUTOUT
CUTOUT
I/O DATA DESCRIPTIONS
Scaling of analog I/O module is configurable with the configurator software (model: R7CFG). Refer to the software manual for
details.
■ PULSE POSITION CONVERTION
Lower 16 bit
Upper 16 bit
0
7
Byte n+1
Byte n
0 7
0
7
Byte n+3
Byte n+2
0 7
Position conversion data is represented in 16-bit binary. Negative value is represented in 2’s complements.
■ PULSE SPEED DATA
16 Bit
0
7
Byte n+1
Byte n
0 7
Speed data is represented in 16-bit binary. Negative value is represented in 2’s complements.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com