Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1A4-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A4-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button R7G4HML3-6-PA1A4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HML3-6-PA1A4-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 8/10
http://www.m-system.co.jp/
0
7
Byte11
Byte10
0 7
CH0 External latch completed (0 → 1 external latch completed at rising edge,
CH0 External latch detect command 1 → 0 clear status)
Not used (always 0)
CH0 Z latch completed* (0 → 1 Z latch completed at rising edge,
CH0 Z latch detect command 1 → 0 clear status)
CH0 Z pulse* (0: OFF 1: ON)
* Available when the firmware version is V1.11 or later
■ STATUS
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
[(4) 0.16]
57 (2.24)
6
18–M3 SCREW
TERMINALS for I/O
4
5
6
7
1
2
3
6
7–M3 SCREW
TERMINALS for
POWER SUPPLY
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
2 – 4.3 dia. 4 deep.
130 (5.12)
140 (5.51)
154 (6.06)
DIN RAIL
35mm wide
MOUNTING REQUIREMENTS unit: mm (inch)
140 (5.51)
2 – M4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com