Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1J-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1J-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1J-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R7G4HML3-6-PA1J-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 6/10
http://www.m-system.co.jp/
■R7G4HML3-6-PA1Ax (OPEN COLLECTOR INPUT)
14
5
6
+24V1
+24V1 LCH
15
GND
16
17
18
7
8
9
GND GND GND
RST OCA
10
1
2
SNSR
ENCDR
ー
SNSR
EXC
+
A
11
ENCDR
+
12
13
3
4
Z
V
−
B
V
+
OCB
SENSOR EXCITATION +
24V DC
1
2
A
3
B
4
V +
ENCODER POWER OUTPUT +
5
+ 24V1
6
LCH
7
RST
8
OCA
9
OCB
10
SNSR /
ENCDR –
ENCODER POWER INPUT –
11
ENCDR +
ENCODER POWER INPUT +
12
Z
13
V –
14
+ 24V1
24V DC
15
GND
0V
16
GND
0V
17
GND
0V
18
GND
0V
ID
FUNCTION
Pin. No.
SNSR EXC +
PHASE A
PHASE B
LATCH INPUT
RESET INPUT
OPEN COLLECTOR OUTPUT A
OPEN COLLECTOR OUTPUT B
SENSOR EXCITATION – /
PHASE Z
ENCODER POWER OUTPUT –
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)
MECHATROLINK RELATED COMMANDS
Commands available with the unit are as follow.
PROFILE
COMMAND
CODE
FUNCTION
Common command
NOP
00H
No operation command
ID_RD
03H
Read ID command
CONFIG
04H
Setup device command
ALM_RD
05H
Read alarm or warning command
ALM_CLR
06H
Clear alarm or warning command
CONNECT
0EH
Establish connection command
DISCONNECT
0FH
Release connection command
Standard I/O profile
DATA_RWA
20H
Transmit I/O data



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com