Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1J-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1J-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1J-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button R7G4HML3-6-PA1J-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 9Page - M-System Co.,Ltd. R7G4HML3-6-PA1J-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 10/10
http://www.m-system.co.jp/
■ R7G4HML3–6–PA1Ax (OPEN COLLECTOR INPUT)
ENCODER
(OPEN COLLECTOR
OUTPUT)
OPEN COLL. OUTPUT A
OPEN COLL. OUTPUT B
Isolation
SENSOR EXCITATION (IN) 24V DC
1
2
4
5
6
7
24V DC
0V
3 FE
B
A
1
3
2
V–
V+
Z 12
4
13
+24V1
GND
LCH
+24V1 5
6
10
11
14
15
GND
OCA
GND
RST 7
16
17
8
GND
OCB
18
9
+24V
GND
V+
V+
GND
+24V
GND
+24V
GND
GND
+24V
SNSR EXC.+
SNSR EXC./ENCDR–
ENCDR+
+
−
−
+
Detecting Circuit
Detecting Circuit
LATCH
RESET
Comm.
Circuit
Control
Circuit
Input
Circuit
ENCODER
POWER (IN)
Note. For wiring of encoder input, use twisted pair cable with shield. Be sure to ground the shield.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com