Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DC16A-R Datasheet(PDF) 37 Page - M-System Co.,Ltd.

Part # R7HL-DC16A-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DC16A-R Datasheet(HTML) 37 Page - M-System Co.,Ltd.

Back Button R7HL-DC16A-R Datasheet HTML 33Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 34Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 35Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 36Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 37Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 38Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 39Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 40Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 41Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 37/55
http://www.m-system.co.jp/
STRAIN GAUGE INPUT MODULE
(with monitor output, 2 points)
MODEL: R7HL-LC2
SPECIFICATIONS
Isolation: Input 0 or output 0 to Input 1 or output 1 to HLS to
power input to FG
Data allocation: 2
■ INPUT
Excitation: 5 V ±10% or 2.5 V ±10%
(Input range doubled in the case of 2.5 V excitation)
Changeable with switch
Maximum current: max. 60 mA (Up to 4 strain gauges of
350 Ω can be connected in parallel-adding connection at 5 V
excitation)
max. 100 mA (at 2.5 V excitation)
Input range:
Option code /R20
-2 – +2 mV/V (at 5 V excitation)
-4 – +4 mV/V (at 2.5 V excitation)
Option code /R10
-1 – +1 mV/V (at 5 V excitation)
-2 – +2 mV/V (at 2.5 V excitation)
Option code /R05
-0.5 – +0.5 mV/V (at 5 V excitation)
-1 – +1 mV/V (at 2.5 V excitation)
Max. Input range:
Option code /R20
-3 – +3 mV/V (at 5 V excitation)
-6 – +6 mV/V (at 2.5 V excitation)
Option code /R10
-1.5 – +1.5 mV/V (at 5 V excitation)
- 3 – +3 mV/V (at 2.5 V excitation)
Option code /R05
-0.75 – +0.75 mV/V (at 5 V excitation)
-1.5 – +1.5 mV/V (at 2.5 V excitation)
Zero adjustment:
Option code /R20
-1 – +1 mV/V (at 5 V excitation)
-2 – +2 mV/V (at 2.5 V excitation)
Option code /R10
-0.5 – +0.5 mV/V (at 5 V excitation)
-1 – +1 mV/V (at 2.5 V excitation)
Option code /R05
-0.25 – +0.25 mV/V (at 5 V excitation)
-0.5 – +0.5 mV/V (at 2.5 V excitation)
Accuracy:
Option code except /R05
±0.04% (Averaging 128 samples or more)
±0.05% (Averaging 64 samples)
±0.10% (Averaging 8, 16, 32 samples)
±0.15% (Averaging 4 samples)
±0.20% (Averaging 2 samples)
Option code /R05
±0.05% (Averaging 512 samplesor more)
±0.10% (Averaging 64, 128, 256 samples)
±0.20% (Averaging 16, 32 samples)
±0.30% (Averaging 2, 4, 8 samples)
Lowpass filter:
Approx. 2 kHz or approx. 2 Hz (option code /F2K)
Approx. 1 Hz or approx. 2 Hz (option code /F1)
Input delay time:
Lowpass filter 2 kHz max. 20 msec. (0 - 90%)
Lowpass filter 2 Hz max. 200 msec. (0 - 90%)
Lowpass filter 1 Hz max. 400 msec. (0 - 90%)
Conversion rate: min. 2000 samples/sec.
Resolution: 1/10000
Converted data range:
Input 0 / input 1: 0 – 10000 of the range from zero to span
Total input data: Sum of input 0 and input 1
Load coefficien: 10.00 – 100.00 (%)
Averaging: 2, 4, 8, 16, 32, 64, 128, 256, 512, 1024 samples
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
Input status indicator LED: 0 - F
(Refer to the instruction manual)
■ OUTPUT
Output range: -10 – +10 V DC (of -10000 – +10000
(%×100))
Operational range: -115 – +115 %
Load resistance: ≥ 100 kΩ
Conversion accuracy: ±0.1 %
Response time: 250 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com