Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DC16A-R Datasheet(PDF) 38 Page - M-System Co.,Ltd.

Part # R7HL-DC16A-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DC16A-R Datasheet(HTML) 38 Page - M-System Co.,Ltd.

Back Button R7HL-DC16A-R Datasheet HTML 34Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 35Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 36Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 37Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 38Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 39Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 40Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 41Page - M-System Co.,Ltd. R7HL-DC16A-R Datasheet HTML 42Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 38/55
http://www.m-system.co.jp/
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1 is unused. Be sure to turn off unused one.
• Excitation (SW1-2)
SW1-2
Excitation
OFF
5 V (*)
ON
2.5 V
• Lowpass Filter (SW1-3)
SW1-3
Lowpass lter
OFF
2 kHz (/F2K) / 1 Hz (/F1) (*)
ON
2 Hz
• Averaging (SW1-4, 1-5, 1-6, 1-7)
SW1-4
SW1-5
SW1-6
SW1-7
Averaging
OFF
OFF
OFF
OFF
2 samples (*)
ON
OFF
OFF
OFF
4 samples
OFF
ON
OFF
OFF
8 samples
ON
ON
OFF
OFF
16 samples
OFF
OFF
ON
OFF
32 samples
ON
OFF
ON
OFF
64 samples
OFF
ON
ON
OFF
128 samples
ON
ON
ON
OFF
256 samples
OFF
OFF
OFF
ON
512 samples
ON
OFF
OFF
ON
1024 samples
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
OFF
12Mbps (*)
ON
6Mpbs
TERMINAL ASSIGNMENTS
14
5
6
15
16
17
18
7
8
9
10
1
2
11
12
13
3
4
V0
C0
-EXC1
+EXC1 +IN1
NC
V1
-IN1
SLD1
NC
NC
-EXC0
+EXC0 +IN0
NC
-IN0
SLD0
C1
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
NC
No connection
10
NC
No connection
2
-EXC0 Excitation 0-
11 +EXC0 Excitation 0+
3
-IN0
Input 0-
12
+IN0 Input 0+
4
SLD0 Shield 0
13
NC
No connection
5
C0
Voltage output 0-
14
V0
Voltage output 0+
6
-EXC1 Excitation 1-
15 +EXC1 Excitation 1+
7
-IN1
Input 1-
16
+IN1 Input 1+
8
SLD1 Shield 1
17
NC
No connection
9
C1
Voltage output 1-
18
V1
Voltage output 1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com