Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC16A-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R7HL-DAC16A-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC16A-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R7HL-DAC16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 9Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 10Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 7/55
http://www.m-system.co.jp/
■ NETWORK
Full-duplex communication
NO.
ID
FUNCTION, NOTES
1
RXD–
Network (master , transmission –)
2
RXD+
Network (master , transmission +)
3
TXD–
Network (slave , transmission –)
4
TXD+
Network (slave , transmission +)
5
SLD
Shield
1
2
3
4
5
Half-duplex communication
NO.
ID
FUNCTION, NOTES
1
NC
Unused
2
NC
Unused
3
TR–
Network
4
TR+
Network
5
SLD
Shield
1
2
3
4
5
Cable connector: FMC1,5/16-ST-3,5 (Phoenix Contact)
(The cable connector is included in the package.)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
For ZHY262PS ZHT262PS and ZHY262PBA: TUB-0.5 (Japan sdderless Terminal MFG. Co., Ltd.)
For ZHY221PS AI0,5-10WH (Phoenix Contact)
R7HL-PA4E
Cable connector: TFKC2,5/5-STF-5,08AU (Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 2.5 mm2 stripped length 10mm
Recommended solderless terminal
For ZHY262PS, ZHT262PS and ZHY262PBA: TUB-0.5 (Japan Solderless Terminal MFG. Co., Ltd.)
For ZHY221PS: AI0,5-10WH (Phoenix Contact)
No.
ID
(Full-duplex)
ID
(Half-duplex)
5
RXD-
NC
4
RXD+
NC
3
TXD-
TR-
2
TXD+
TR+
1
SHIELD
SHIELD
5 4 3 2 1
R7HL-DAC16ES
Recommended solderless terminal
Master Module
RXD+
RXD–
TXD+
TXD–
FG
(SHIELD)
Slave Module
RXD+
RXD–
TXD+
TXD–
FG
(SHIELD)
Slave Module
TXD+
Terminating
Resistor
TXD–
RXD+
RXD–
SHIELD
Terminating
Resistor
Master Module
TR+
TR–
FG
(SHIELD)
Slave Module
TR+
TR–
FG
(SHIELD)
Slave Module
TR+
TR–
SHIELD
Note: Be sure to turn ON the switch of the terminating resistor located at both ends of the modules.
Terminating
Resistor
Terminating
Resistor
■ MASTER CONNECTION
• Full-duplex communication
• Half-duplex communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com