Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC16A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7HL-DAC16A-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC16A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7HL-DAC16A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DAC16A-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 2/55
http://www.m-system.co.jp/
FUNCTIONS & FEATURES
The R7HL interfaces analog and discrete I/O signals with a
PLC via HLS (Hi-speed Link System)
Input sensor type (thermocouple, RTD) and range can be
selected with the front DIP switches for all channels. In
order to set different selections for individual channels,
zero/span adjustments, scaling and temperature unit, use
the PC Configurator Software (model: R7CON)
(HLS is the abbreviation for “Hi-speed Link System” of Step
Technica Co., Ltd.)
RELATED PRODUCTS
• PC configurator software (model: R7CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
• Common Specifications
Power input: 24 V DC ±10 %; ripple 10 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(between isolated circuits)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Storage temperature: -20 to +65°C (-4 to +149°F)
Mounting: DIN rail (35 mm wide)
Housing material: Flame-resistant resin (gray)
Status indicator LEDs: PWR, RUN (Refer to the instruction
manual for details)
■ Current consumption & weight
R7HL-DA16: Approx. 35 mA, 200 g (0.44 lb)
R7HL-DC16A: Approx. 45 mA, 200 g (0.44 lb)
R7HL-DC16B: Approx. 45 mA, 200 g (0.44 lb)
R7HL-DAC15E: Approx. 40 mA, 200 g (0.44 lb)
R7HL-DAC16A: Approx. 40 mA, 200 g (0.44 lb)
R7HL-DAC16B: Approx. 40 mA, 200 g (0.44 lb)
R7HL-DAC16C: Approx. 45 mA, 200 g (0.44 lb)
R7HL-DAC16ES: Approx. 40 mA, 200 g (0.44 lb)
R7HL-DC8C: Approx. 45 mA (60 mA*), 200 g (0.44 lb)
R7HL-SV4: Approx. 90 mA, 200 g (0.44 lb)
R7HL-SVF4: Approx. 90 mA, 200 g (0.44 lb)
R7HL-TS4: Approx. 90 mA, 200 g (0.44 lb)
R7HL-RS4: Approx. 90 mA, 200 g (0.44 lb)
R7HL-LC2: Approx. 150mA, 220g (0.49 lb)
R7HL-PA4E: Approx. 50 mA, 130 g (0.29 lb)
R7HL-PA2Sx**: Approx. 80 mA, 160 g (0.36 lb)
R7HL-YV2: Approx. 100 mA, 200 g (0.44 lb)
R7HL-YS2: Approx. 140 mA, 200 g (0.44 lb)
R7HL-SVF8NL: 50 mA, 200 g (0.44 lb)
R7HL-YV4L: 75 mA, 180 g (0.40 lb)
* Relay driving current.
** Sensor excitation current is added for incorporated
sensor excitation type.
HLS COMMUNICATION
Communication mode:
Communication mode option code blank: Full-duplex
Communication mode option code /H: half-duplex
Network cable
Full-duplex communication:
ZHY262PS and ZHT262PS (Shinko Seisen Industry Co., Ltd.)
Half-duplex communication:
ZHY221PS (Shinko Seisen Industry Co., Ltd.)
Dual-shield cable:
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)
Transmission distance / Transfer rate:
Transfer rate option code blank: 100 meters (328 ft)/12
Mbps, 200 meters (656 ft)/6 Mbps
Transfer rate option code /3: 300 meters (984 ft)/3 Mbps
(Selectable with DIP switch)
Status indicator LED: RUN (Refer to the instruction manual
for details)
Station address: Rotary switch
(Refer to the instruction manual)
Terminating resistor: Built-in (Selected with the DIP SW;
factory setting: disabled)
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
(R7HL-DC8C only. Refer to the instruction manual for the
detail.)
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to power: Basic insulation (150 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com