Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE757P Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE757P
Description  1A Light Load Mode Buck Regulator with Integrated Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE757P Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE757P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE757P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE757P Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE757P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
2
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
V
IN
Input Supply Voltage
-0.3
6.0
V
Voltages on: ENABLE, VSENSE, VSO – VS2
-0.3
VIN+ 0.3
V
Voltages on: VFB (ACE757PL)
-0.3
2.7
V
TJ-ABS
Maximum Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020C
260
°C
ESD Rating (based on Human Body Mode)
2000
V
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond the recommended operating
conditions is not implied. Stress beyond the absolute maximum ratings may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Recommended Operating Range
Symbol
Items
Min
Max
Unit
VIN
Input Voltage Range
2.4
5.5
V
TA
Operating Ambient Temperature
- 40
85
TJ
Operating Junction Temperature
- 40
125
Thermal Characteristics
Parameter
Symbol
Typ
Units
Thermal Resistance: Junction to Ambient
–0 LFM
(Note 1)
JA
80
°C/W
Thermal Overload Trip Point
T
J-TP
155
°C
Thermal Overload Trip Point Hysteresis
25
°C
Note 1: Based on a four layer copper board and proper thermal design per JEDEC EIJ/JESD51 standards



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com