Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE757P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE757P
Description  1A Light Load Mode Buck Regulator with Integrated Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE757P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE757P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE757P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE757P Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE757P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
1
Description
The ACE757Px (x = L or H) is a 1000mA PowerSOC. The ACE757Px integrates MOSFET switches,
control, compensation, and the magnetics in an advanced 3mm x 3mm QFN Package.
Integrated magnetics enables a tiny solution footprint, low output ripple, low part-count, and high reliability,
while maintaining high efficiency.
The complete solution can be implemented in as little as 21mm2.
A proprietary light load mode (LLM) provides high efficiency in light load conditions.
The ACE757Px uses a 3-pin VID to easily select the output voltage setting. Output voltage settings are
available in 2 optimized ranges providing coverage for typical VOUT settings.
The VID pins can be changed on the fly for fast dynamic voltage scaling. ACE757PL further has the
option to use an external voltage
divider.
The ACE757Px offers the optimal combination of very small solution footprint and advanced performance
features.
Features
⚫
1A PowerSoC
⚫
Integrated
Inductor Technology
⚫
Total Solution Footprint
< 21mm2
⚫
Low VOUT ripple for RF
compatibility
⚫
High
efficiency, up to 94%
⚫
1000mA continuous
output current
⚫
55µA quiescent current
⚫
Less than 1µA standby current
⚫
5 MHz
switching frequency
⚫
3 pin VID
for glitch free voltage
scaling
⚫
VOUT Range 0.6V to VIN – 0.5V
⚫
Short circuit and over current protection
⚫
UVLO
and thermal protection
⚫
IC level
reliability
in a PowerSOC solution
Application
⚫
Portable wireless and RF applications
⚫
Solid state storage applications
⚫
Space constrained applications requiring high efficiency and very small solution size


Similar Part No. - ACE757P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results

Similar Description - ACE757P

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A7HQI ALTERA-EP53A7HQI Datasheet
998Kb / 19P
1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC33163 MICREL-MIC33163 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
MIC33263 MICREL-MIC33263 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com